|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Zener Diodes MAZ4000 Series Silicon planar type Unit : mm For stabilization of power supply I Features * High reliability, achieved by the DHD structure * Allowing to insert to a 5 mm pitch hole * Finely divided zener-voltage rank * Sharp rising performance * Wide voltage range: VZ = 2.0 V to 39 V 0.45 max. 1 13 min. Colored band indicates Vz classification 2.6 max. 1st Band 2nd Band 3rd Band I Absolute Maximum Ratings Ta = 25C 2 Parameter Average forward current Instanious forward current Total power dissipation*1 Non-repetitive reverse surge power dissipation*2 Junction temperature Storage temperature Symbol IF(AV) IFRM Ptot PZSM Tj Tstg Rating 250 250 370 30 200 -65 to +200 Unit mA mA mW W C C 1.75 max. 1 : Cathode 2 : Anode JEDEC : DO-34 (Main body to be pained in yellowish green) *Color indication of VZ rank classification L rank Black M rank Blue H rank Red Note) *1 : With a printed-circuit board *2 : t = 100 s, Tj = 150C I Common Electrical Characteristics Ta = 25C*1 Parameter Forward voltage Zener voltage*2 Operating resistance Symbol VF VZ RZK RZ Reverse current voltage*3 IR1 IR2 Temperature coefficient of zener Terminal capacitance SZ Ct IF = 10 mA IZ ****************** Specified value IZ ****************** Specified value IZ ****************** Specified value VR *************** Specified value VR *************** Specified value IZ ****************** Specified value VR *************** Specified value Refer to the list of the electrical characteristics within part numbers Conditions Min Typ 0.8 Max 0.9 Unit V V A A mV/C pF Note) 1 Rated input/output frequency: 5 MHz 2 *1 : The VZ value is for the temperature of 25C. In other cases, carry out the temperature compensation. *2 : Guaranteed at 20 ms after power application. *3 : Tj = 25C to 150C 13 min. 2.85 max. 1 MAZ4000 Series I Electrical characteristics within part numbers Ta = 25C *VZ = 2.0 V to 6.8 V (IZ = 5 mA) Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 1.88 2.24 1.88 2.12 2.01 2.24 2.08 2.45 2.08 2.33 2.20 2.45 2.28 2.4 2.7 2.28 2.56 2.4 2.7 2.5 2.7 2.9 2.5 2.75 2.65 2.9 2.8 3.0 3.2 2.83 2.9 2.97 2.93 3.0 3.08 3.02 3.1 3.18 3.1 3.3 3.5 3.12 3.2 3.28 3.22 3.3 3.38 3.32 3.4 3.49 3.4 3.6 3.8 3.41 3.5 3.59 3.51 3.6 3.69 3.61 3.7 3.79 3.7 3.9 4.1 3.71 3.8 3.9 3.8 3.9 4.0 3.9 4.0 4.1 4.0 4.3 4.6 4.03 4.1 4.26 4.17 4.3 4.4 4.31 4.4 4.54 4.4 4.7 5.0 4.45 4.6 4.69 4.59 4.7 4.83 4.74 4.9 4.99 4.8 5.1 5.4 4.87 5.0 5.12 5.0 5.1 5.26 5.14 5.3 5.4 5.3 5.6 6.0 5.3 5.4 5.58 5.48 5.6 5.76 5.66 5.8 5.95 5.8 6.2 6.6 5.85 6.0 6.15 6.05 6.2 6.36 6.24 6.4 6.56 6.4 6.8 7.2 6.44 6.6 6.77 6.64 6.8 6.98 6.85 7.0 7.2 Temperature coefficient of zener voltage Terminal capacitance Zener Diodes Reverse current Operating resistance Marking Ct (pF) IR1 (A) IR2 (A) RZ () RZK () SZ (mV/C) (V = 0 V) VR VR IZ = 5 mA IZ IZ = 5 mA f =R1 MHz (V) Max (V) Max Typ Max (mA) Max Min Typ Max Typ Max Color indication Main body: Yellowish green 1st. Red 2nd. 3rd. MAZ4020 MAZ4020-L MAZ4020-H MAZ4022 MAZ4022-L MAZ4022-H MAZ4024 MAZ4024-L MAZ4024-H MAZ4027 MAZ4027-L MAZ4027-H MAZ4030 MAZ4030-L MAZ4030-M MAZ4030-H MAZ4033 MAZ4033-L MAZ4033-M MAZ4033-H MAZ4036 MAZ4036-L MAZ4036-M MAZ4036-H MAZ4039 MAZ4039-L MAZ4039-M MAZ4039-H MAZ4043 MAZ4043-L MAZ4043-M MAZ4043-H MAZ4047 MAZ4047-L MAZ4047-M MAZ4047-H MAZ4051 MAZ4051-L MAZ4051-M MAZ4051-H MAZ4056 MAZ4056-L MAZ4056-M MAZ4056-H MAZ4062 MAZ4062-L MAZ4062-M MAZ4062-H MAZ4068 MAZ4068-L MAZ4068-M MAZ4068-H 0.5 120 100 1 2000 -3.5 -1.5 0 375 450 Black Black 0.7 120 100 1 2000 -3.5 -1.5 0 375 450 Red Red Red 1 120 100 1 2000 -3.5 -1.6 0 375 450 Red Yellow Yellow 1 100 100 1 1000 -3.5 -2 0 350 450 Red Purple Purple 1 50 85 100 1 1000 -3.5 -2.1 0 350 450 Orange Black Black 1 20 83 100 1 1000 -3.5 -2.4 0 325 450 Orange Orange Orange 1 10 81 100 1 1000 -3.5 -2.4 0 300 450 Orange Blue Blue 1 10 79 100 1 1000 -3.5 -2.5 0 300 450 Orange White White 1 10 75 100 1 1000 -3.5 -2.5 0 275 450 Yellow Orange Orange 1 3 50 80 1 900 -3.5 -1.4 0.2 130 180 Yellow Purple Purple 2 2 40 60 1 800 -2.7 0.8 1.2 110 160 Green Brown Brown 2 1 15 40 1 500 -2 1.2 2.5 95 140 Green Blue Blue 4 3 4 2 5.3 5.3 60 5.5 5.7 5.9 5.9 60 6.1 6.3 6 20 0.5 300 0.4 2.3 3.7 90 130 Blue Red Red 6 15 0.5 140 1.2 3 4.5 85 110 Blue Gray Gray 2 Zener Diodes I Electrical characteristics within part numbers (continued) Ta = 25C *VZ = 7.5 V to 20 V (IZ = 5 mA) Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 7.0 7.5 7.9 7.07 7.3 7.43 7.29 7.5 7.67 7.51 7.7 7.89 7.7 8.2 8.7 7.77 7.9 8.17 8.03 8.2 8.43 8.29 8.5 8.7 8.5 9.1 9.6 8.58 8.8 9.02 8.87 9.1 9.33 9.14 9.4 9.6 9.4 10 10.6 9.44 9.7 9.92 9.75 10 10.25 10.07 10.3 10.59 10.4 11 11.6 10.4 10.7 10.94 10.73 11 11.28 11.05 11.3 11.6 11.4 12 12.7 11.4 11.7 11.96 11.73 12 12.33 12.06 12.3 12.68 12.4 13 14.1 12.4 12.7 12.99 12.73 13 13.4 13.25 13.7 14.08 13.65 14 14.35 13.9 15 15.6 13.9 14.3 14.76 14.6 15 15.35 14.95 15.3 15.6 15.3 16 17.1 15.3 15.7 16.09 15.7 16 16.5 16.26 16.7 17.1 16.9 18 19.1 16.9 17.3 17.76 17.55 18 18.45 18.2 18.7 19.1 18.8 20 21.2 18.85 19.3 19.81 19.50 20 20.5 20.15 20.7 21.19 Temperature coefficient of zener voltage MAZ4000 Series Reverse current IR1 (A) IR2 (A) VR VR (V) Max (V) Max 6.5 6.5 5 1 60 6.7 7.0 7.2 7.2 5 0.5 60 7.5 7.7 8 8 6 0.2 60 8.3 8.6 8.9 8.9 7 0.2 60 9.2 9.5 9.9 9.9 7 0.1 60 10.2 10.5 10.9 10.9 8 0.1 60 11.2 11.5 11.9 11.9 9 0.1 60 12.2 12.7 9 0.1 13.1 60 13.4 13.4 10 0.05 60 14.1 14.4 14.8 14.8 11 0.05 60 15.2 15.7 16.4 16.4 13 0.05 60 17 17.7 18.3 18.3 14 0.05 60 19 19.6 Operating resistance Terminal capacitance Marking Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 5 mA IZ IZ = 5 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max Color indication Main body: Yellowish green 1st. 2nd. 3rd. MAZ4075 MAZ4075-L MAZ4075-M MAZ4075-H MAZ4082 MAZ4082-L MAZ4082-M MAZ4082-H MAZ4091 MAZ4091-L MAZ4091-M MAZ4091-H MAZ4100 MAZ4100-L MAZ4100-M MAZ4100-H MAZ4110 MAZ4110-L MAZ4110-M MAZ4110-H MAZ4120 MAZ4120-L MAZ4120-M MAZ4120-H MAZ4130 MAZ4130-L MAZ4130-M MAZ4130-H MAZ4140-M MAZ4150 MAZ4150-L MAZ4150-M MAZ4150-H MAZ4160 MAZ4160-L MAZ4160-M MAZ4160-H MAZ4180 MAZ4180-L MAZ4180-M MAZ4180-H MAZ4200 MAZ4200-L MAZ4200-M MAZ4200-H 6 15 0.5 120 2.5 4 5.3 80 100 Purple Green Green 6 15 0.5 120 3.2 4.6 6.2 75 95 Gray Red Red 6 15 0.5 130 3.8 5.5 7 70 90 White Brown Brown 8 20 0.5 130 4.5 6.4 8 70 90 Brown Black 10 20 0.5 170 5.4 7.4 9 65 85 Brown Brown 10 25 0.5 170 6 8.4 10 65 85 Brown Red 10 10 10 30 0.5 170 30 0.5 170 7 7 9.4 11 10 13 60 60 55 80 Brown Orange 80 Brown Yellow 75 Brown Green 30 0.5 170 9.2 11.4 13 10 40 0.5 170 10.4 12.4 14 52 75 Brown Blue 10 45 0.5 170 12.4 14.4 16 47 70 Brown Gray 15 55 0.5 180 14.4 16.4 18 36 60 Red Black 3 MAZ4000 Series I Electrical characteristics within part numbers (continued) Ta = 25C *VZ = 22 V to 24 V (IZ = 5 mA) Zener voltage Part Number VZ (V) IZ = 5 mA Min Nom Max 20.8 22 23.3 20.8 21.3 21.86 21.45 22 22.55 22.1 22.7 23.24 22.8 24 25.6 22.8 23.3 23.97 23.5 24 24.7 24.35 25 25.6 Temperature coefficient of zener voltage Terminal capacitance Zener Diodes Reverse current IR1 (A) IR2 (A) VR VR (V) Max (V) Max 20.3 20.3 15 0.05 60 20.9 21.6 22.3 22.3 17 0.05 60 23 23.8 Operating resistance Marking Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 5 mA IZ IZ = 5 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max Color indication Main body: Yellowish green 1st. Red 2nd. Red 3rd. MAZ4220 MAZ4220-L MAZ4220-M MAZ4220-H MAZ4240 MAZ4240-L MAZ4240-M MAZ4240-H 20 5.5 0.5 180 16.4 18.4 20 34 60 25 70 0.5 180 18.4 20.4 22 33 55 Red Yellow *VZ = 27 V to 39 V (IZ = 2 mA) Zener voltage Part Number Reverse current IR2 (A) VR (V) Max 24.8 24.8 60 25.8 26.8 27.8 27.8 60 28.8 29.7 30.7 30.7 60 31.7 32.7 33.6 33.6 60 34.6 35.6 36 36 60 36 36 Operating resistance Temperature coefficient of zener voltage Terminal capacitance Marking MAZ4270 MAZ4270-L MAZ4270-M MAZ4270-H MAZ4300 MAZ4300-L MAZ4300-M MAZ4300-H MAZ4330 MAZ4330-L MAZ4330-M MAZ4330-H MAZ4360 MAZ4360-L MAZ4360-M MAZ4360-H MAZ4390 MAZ4390-L MAZ4390-M MAZ4390-H VZ (V) IR1 (A) IZ = 2 mA VR Min Nom Max (V) Max 25.1 27 28.9 25.3 26 26.7 19 0.05 26.3 27 27.7 27.3 28 28.7 28 30 32 28.3 29 29.7 21 0.05 29.3 30 30.8 30.2 31 31.8 31 33 35 31.2 32 32.8 23 0.05 32.2 33 33.8 33.2 34 34.9 34 36 38 34.1 35 35.9 25 0.05 35.1 36 36.9 36.1 37 37.9 37 41 37.1 39 27 0.05 38 40 39 41 Ct (pF) RZ () RZK () SZ (mV/C) (V = 0 V) IZ = 2 mA IZ IZ = 2 mA f =R1 MHz Typ Max (mA) Max Min Typ Max Typ Max Color indication Main body: Yellowish green 1st. Red 2nd. Purple 3rd. 25 80 0.5 200 21.4 23.4 25.3 30 50 30 80 0.5 200 24.4 26.6 29.4 27 50 Orange Black 35 80 0.5 200 27.4 29.7 33.4 25 45 Orange Orange 35 90 0.5 200 30.4 33 37.4 23 45 Orange Blue 130 0.5 250 33.4 36.4 41.2 21 45 Orange White Note) 1. The VZ value is the one after power application for 20 ms at Ta = 25C. 2. The zener voltage temperature coefficient is the one for Tj = 25C to 150C. 4 Zener Diodes Ptot Ta Thickness of the printed-circuit board 1.6 mm Copper foil 0.035 mm, Hole distance 5 mm Anode side copper foil 3 mm Cathode side copper foil 3 mm MAZ4000 Series PZSM tW Non-repetitive reverse surge power dissipation PZSM (W) 500 300 200 100 50 30 20 10 5 3 2 1 0.1 40 0 0.2 0.3 0.5 1 2 3 5 10 150C (Prior to surge) Ta = 25C (Prior to surge) 280 320 Ta = 25C IF V F 500 Power dissipation Ptot (mW) Forward current IF (mA) 400 240 200 160 120 80 300 200 100 0 0 50 100 150 200 250 0 0.2 0.4 0.6 0.8 1.0 1.2 Ambient temperature Ta (C) Pulse width tW (ms) Forward voltage VF (V) IZ V Z 160 Ta = 25C Static Characteristics IZ V Z 120 Ta = 25C Static Characteristics 40 IZ V Z Ta = 25C Static Characteristics Zener current IZ (mA) Zener current IZ (mA) 80 MAZ4091 40 MAZ4036 MAZ4039 MAZ4043 40 MAZ4100 MAZ4030 MAZ4033 10 20 0 0 1 2 3 4 5 6 0 0 0 2 4 6 8 10 12 0 10 20 Zener voltage VZ (V) Zener voltage VZ (V) Zener voltage VZ (V) IZ V Z 200 Tj = 25C Dynamic Characteristics 160 200 IZ VZ 100 Tj = 25C 180 Dynamic Characteristics 160 MAZ4062 MAZ4082 MAZ4091 IZ VZ Tj = 25C Dynamic Characteristics 80 MAZ4100 Zener current IZ (mA) Zener current IZ (mA) 140 120 100 80 MAZ4027 120 MAZ4030 MAZ4033 80 MAZ4036 MAZ4039 40 MAZ4043 Zener current IZ (mA) MAZ4051 MAZ4056 MAZ4024 60 MAZ4110 MAZ4130 MAZ4160 MAZ4200 MAZ4240 MAZ4270 MAZ4300 MAZ4330 MAZ4360 MAZ4075 40 MAZ4047 40 20 MAZ4068 60 20 0 0 1 2 3 4 5 6 0 0 2 4 6 8 10 12 0 0 10 20 Zener voltage VZ (V) Zener voltage VZ (V) Zener voltage VZ (V) MAZ4240 MAZ4270 MAZ4300 MAZ4330 MAZ4360 80 60 20 MAZ4200 MAZ4024 MAZ4027 Zener current IZ (mA) MAZ4047 MAZ4051 MAZ4056 MAZ4062 MAZ4068 MAZ4075 MAZ4082 120 30 MAZ4110 MAZ4130 MAZ4160 100 30 40 30 40 5 MAZ4000 Series Zth tW 3 Zener Diodes RZ IZ 104 Heat sink Thickness t = 1.6 mm Copper foil t = 0.035 mm Anode side 3 mm Cathode side 3 mm Lead distance 5 mm Thermal impedance Zth (C / mW) 1 Operating resistance RZ () 103 0.3 102 MAZ4033 MAZ4024 MAZ4300 MAZ4047 MAZ4200 MAZ4120 MAZ4068 0.1 10 0.03 0.1 0.3 1 3 10 30 100 1 10-1 1 10 102 Pulse width tW (s) Zener current IZ (mA) SZ IZ 1 10 SZ IZ Temperature coefficient SZ (mV / C) Tj = 25C to 150C 8 6 4 2 0 -2 -4 -6 MAZ4047 MAZ4000 MAZ4091 MAZ4082 MAZ4075 MAZ4062 MAZ4056 MAZ4051 MAZ4068 Temperature coefficient SZ (mV / C) Tj = 25C to 150C MAZ4043 MAZ4039 -1 0 MAZ4036 MAZ4033 MAZ4030 -2 MAZ4024 MAZ4027 -3 0 20 40 60 80 100 120 0 4 8 12 16 20 24 Zener current IZ (mA) Zener current IZ (mA) 6 |
Price & Availability of MAZ4000 |